PART |
Description |
Maker |
20TQ040S 20TQ035S 20TQ045S 20TQ040 20TQ035STRR 20T |
40V 20A Schottky Discrete Diode in a TO-220AC package 45V 20A Schottky Discrete Diode in a D2-Pak package 35V 20A Schottky Discrete Diode in a D2-Pak package COG Technology, 128 x 64 pixel format SCHOTTKY RECTIFIER 40V 20A Schottky Discrete Diode in a D2-Pak package 45V 20A Schottky Discrete Diode in a TO-220AC package
|
IRF[International Rectifier]
|
MBRD320 MBRD330 MBRD340 MBRD320TR MBRD340PBF |
Schottky (Diodes & Rectifiers) 3.0 Amp 40 Volt SCHOTTKY RECTIFIER 30V 3A Schottky Discrete Diode in a D-Pak package 40V 3A Schottky Discrete Diode in a D-Pak package 20V 3A Schottky Discrete Diode in a D-Pak package
|
Vishay Semiconductors IRF[International Rectifier]
|
10MQ040NTR |
40V 1.5A Schottky Discrete Diode in a SMA package
|
International Rectifier
|
CDBK0540-HF12 CDBK0540-HF |
Halogen Free Schottky Barrier Diodes, V-RRM=40V, V-R=40V, I-O=0.5A SMD Schottky Barrier Diode
|
Comchip Technology
|
BAS40-04-GS18 BAS40-04-V-G-18 BAS40-00-V-G-18 |
Diode Small Signal Schottky 40V 0.2A 3-Pin SOT-23 T/R SCHOTTKY DIODE SOT23-E3-G
|
Vishay Semiconductors
|
BAT54WS |
30V 0.2A Schottky Discrete Diode in a SOD-323 package SCHOTTKY DIODE 0.6 Amp
|
International Rectifier
|
80CNQ040ASM 80CNQ045ASM 80CNQ040ASL 80CNQ045ASL 80 |
Microprocessor 2.32V Reset Monitor, -40C to 125C, 3-SC-70, T/R 45V 80A Schottky Common Cathode Diode in a D61-8 package 40V 80A Schottky Common Cathode Diode in a D61-8 package 45V 80A Schottky Common Cathode Diode in a D61-8-SL package 40V 80A Schottky Common Cathode Diode in a D61-8-SL package 45V 80A Schottky Common Cathode Diode in a D61-8-SM package 40V 80A Schottky Common Cathode Diode in a D61-8-SM package
|
International Rectifier
|
31DQ05TR 31DQ06 31DQ06TR |
50V 3.3A Schottky Discrete Diode in a DO-201AD package 60V 3.3A Schottky Discrete Diode in a DO-201AD package
|
International Rectifier
|
175BGQ030 175BGQ030J |
30V 175A Schottky Discrete Diode in a PowIRtab (Short) package 30V 175A Schottky Discrete Diode in a PowIRtab package SCHOTTKY RECTIFIER
|
International Rectifier
|
75SLQ045 75SLQ045-15 |
75V 45A Hi-Rel Schottky Discrete Diode in a SMD-1 package SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES 75 A, 45 V, SILICON, RECTIFIER DIODE
|
IRF[International Rectifier]
|
BAS40-T1 BAS40 Q62702A1176 BAS40-04Q62702-D980 |
DIODE SCHOTTKY SOT-23 HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching Circuit protection) 伊雷尔硅肖特基二极管(伊雷尔和微波半导体分立一般用于高速开关电路保护的目的,二极管
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Analog Devices, Inc.
|
183NQ100 183NQ100R 183NQ 183NQ080 183NQ090 |
100V 180A Schottky DISCR. (R) Diode in a D-67 HALF-Pak package 100V 180A Schottky Discrete Diode in a D-67 HALF-Pak package 80V 180A Schottky Discrete Diode in a D-67 HALF-Pak package SCHOTTKY RECTIFIER
|
IRF[International Rectifier]
|